データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ER1830NPAS データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 ER1830NPAS
部品情報  Photoelectrics Retro-reflective
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ER1830NPAS データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  ER1830NPAS Datasheet HTML 1Page - List of Unclassifed Manufacturers ER1830NPAS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (08.02.06)
ER1830.PAS, DC
Operation Diagram
Power supply
Object present, light beam interrupted
Output ON: Break switching (NC), WH (2)
Make switching (NO), BK (4)
Tv
Tv
Wiring Diagrams
Detection Diagram
PNP
NPN
Accessories
• Reflectors: ER series
• Connector type CON.1A../CON.14NF.. series
• MB18A
• APA18-RAR
For further information refer to "Accessories"
Dimensions
+
-
1 BN
4 BK
2 WH
3 BU
Delivery Contents
• Photoelectric switch: ER1830
• 2 nuts
• Packaging: plastic bag
Specifications (cont.)
Connection
Cable
Grey, 2 m, 4 x 0.35 mm2,
oilproof PVC
Plug
M12 x 1
Cables for plug (-1)
CON.1A-...series
Weight
Cable version
140 g
Plug version
55 g
Approvals
UL, CSA
CE-marking
Yes
Y
X
Sensor
ER4
Reflector
-60.0
-30.0
0.0
30.0
60.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Distance (m)
(feet)
1.6
3.3
4.9
6.6
9.8
-0.8
-0.4
0
0.4
0.8
8.2
11.5
13
Installation Hints
Relief of cable strain
Protection of the sensing face
Switch mounted on mobile carrier
To avoid interference from inductive voltage/
current peaks, separate the prox. switch pow-
er cables from any other power cables, e.g.
motor, contactor or solenoid cables
Incorrect
Correct
The cable should not be pulled
A proximity switch should not serve as
mechanical stop
Any repetitive flexing of the
cable should be avoided



Html Pages

1 2