| データシートサーチシステム |
|
PIC16F616-E/SL データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/SL データシート(HTML) 39 Page - Microchip Technology |
|
39 / 180 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41288C-page 37 PIC16F610/616/16HV610/616 4.2.4.5 RA4/AN3(1)/T1G/OSC2/CLKOUT Figure 4-4 shows the diagram for this pin. The RA4 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (1) • a Timer1 gate (count enable) • a crystal/resonator connection • a clock output FIGURE 4-4: BLOCK DIAGRAM OF RA4 Note 1: PIC16F616/16HV616 only. VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Analog Input Mode Data Bus WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA FOSC/4 To A/D Converter(5) Oscillator Circuit OSC1 CLKOUT 0 1 CLKOUT Enable Enable Analog(3) Input Mode RAPU RD PORTA To T1G INTOSC/ RC/EC(2) CLK(1) Modes CLKOUT Enable Note 1: CLK modes are XT, HS, LP, TMR1 LP and CLKOUT Enable. 2: With CLKOUT option. 3: Analog Input mode comes from ANSEL. 4: Set has priority over Reset. 5: PIC16F616/16HV616 only. Q1 I/O Pin Interrupt-on- Change S(4) R Q From other Write ‘0’ to RAIF RA<5, 3:0> pins |