| データシートサーチシステム |
|
PIC18F258-I/SOSQTP データシート(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-I/SOSQTP データシート(HTML) 49 Page - Microchip Technology |
|
49 / 402 page ![]() © 2006 Microchip Technology Inc. DS41159E-page 47 PIC18FXX8 TABLE 4-1: SPECIAL FUNCTION REGISTER MAP Address Name Address Name Address Name Address Name FFFh TOSU FDFh INDF2(2) FBFh CCPR1H F9Fh IPR1 FFEh TOSH FDEh POSTINC2(2) FBEh CCPR1L F9Eh PIR1 FFDh TOSL FDDh POSTDEC2(2) FBDh CCP1CON F9Dh PIE1 FFCh STKPTR FDCh PREINC2(2) FBCh ECCPR1H(5) F9Ch — FFBh PCLATU FDBh PLUSW2(2) FBBh ECCPR1L(5) F9Bh — FFAh PCLATH FDAh FSR2H FBAh ECCP1CON(5) F9Ah — FF9h PCL FD9h FSR2L FB9h — F99h — FF8h TBLPTRU FD8h STATUS FB8h — F98h — FF7h TBLPTRH FD7h TMR0H FB7h ECCP1DEL(5) F97h — FF6h TBLPTRL FD6h TMR0L FB6h ECCPAS(5) F96h TRISE(5) FF5h TABLAT FD5h T0CON FB5h CVRCON(5) F95h TRISD(5) FF4h PRODH FD4h — FB4h CMCON(5) F94h TRISC FF3h PRODL FD3h OSCCON FB3h TMR3H F93h TRISB FF2h INTCON FD2h LVDCON FB2h TMR3L F92h TRISA FF1h INTCON2 FD1h WDTCON FB1h T3CON F91h — FF0h INTCON3 FD0h RCON FB0h — F90h — FEFh INDF0(2) FCFh TMR1H FAFh SPBRG F8Fh — FEEh POSTINC0(2) FCEh TMR1L FAEh RCREG F8Eh — FEDh POSTDEC0(2) FCDh T1CON FADh TXREG F8Dh LATE(5) FECh PREINC0(2) FCCh TMR2 FACh TXSTA F8Ch LATD(5) FEBh PLUSW0(2) FCBh PR2 FABh RCSTA F8Bh LATC FEAh FSR0H FCAh T2CON FAAh — F8Ah LATB FE9h FSR0L FC9h SSPBUF FA9h EEADR F89h LATA FE8h WREG FC8h SSPADD FA8h EEDATA F88h — FE7h INDF1(2) FC7h SSPSTAT FA7h EECON2 F87h — FE6h POSTINC1(2) FC6h SSPCON1 FA6h EECON1 F86h — FE5h POSTDEC1(2) FC5h SSPCON2 FA5h IPR3 F85h — FE4h PREINC1(2) FC4h ADRESH FA4h PIR3 F84h PORTE(5) FE3h PLUSW1(2) FC3h ADRESL FA3h PIE3 F83h PORTD(5) FE2h FSR1H FC2h ADCON0 FA2h IPR2 F82h PORTC FE1h FSR1L FC1h ADCON1 FA1h PIR2 F81h PORTB FE0h BSR FC0h — FA0h PIE2 F80h PORTA Note 1: Unimplemented registers are read as ‘0’. 2: This is not a physical register. 3: Contents of register are dependent on WIN2:WIN0 bits in the CANCON register. 4: CANSTAT register is repeated in these locations to simplify application firmware. Unique names are given for each instance of the CANSTAT register due to the Microchip header file requirement. 5: These registers are not implemented on the PIC18F248 and PIC18F258. |