データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F258-E/SOSQTP データシート(PDF) 10 Page - Microchip Technology

部品番号 PIC18F258-E/SOSQTP
部品情報  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP データシート(HTML) 10 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 6Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 9Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 10Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 11Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 12Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 13Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 402 page
background image
PIC18FXX8
DS41159E-page 8
© 2006 Microchip Technology Inc.
FIGURE 1-1:
PIC18F248/258 BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKI
OSC2/CLKO/RA6
MCLR
VDD, VSS
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/SS/LVDIN
RB0/INT0
RB4
RC0/T1OSO/T1CKI
RC1/T1OSI
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX/CK
RC7/RX/DT
Brown-out
Reset
Synchronous
Timer0
Timer1
Timer2
Serial Port
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0/CVREF
CAN Module
Timing
Generation
10-bit
ADC
RB1/INT1
Data Latch
Data RAM
up to 1536 bytes
Address Latch
Address<12>
12
Bank0, F
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Decode
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODH
8 x 8 Multiply
W
8
BITOP
8
8
ALU<8>
8
Test Mode
Select
Address Latch
Program Memory
up to 32 Kbytes
Data Latch
21
21
16
8
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
Timer3
RB2/CANTX/INT2
RB3/CANRX
T1OSI
T1OSO
PCLATU
PCU
Precision
Reference
Band Gap
RB7/PGD
RB5/PGM
RB6/PGC
PBOR
PLVD
CCP1
4X PLL
Band Gap
OSC2/CLKO/RA6
PRODL
Data EEPROM
USART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More