| データシートサーチシステム |
|
PIC16F685-E/P データシート(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/P データシート(HTML) 74 Page - Microchip Technology |
|
74 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 72 © 2007 Microchip Technology Inc. 4.4.3.2 RB5/AN11/RX/DT Figure 4-8 shows the diagram for this pin. The RB5/AN11/RX/DT(1,2) pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • an asynchronous serial input • a synchronous serial data I/O FIGURE 4-8: BLOCK DIAGRAM OF RB5 Note 1: RX and DT are available on PIC16F687/PIC16F689/PIC16F690 only. 2: AN11 is not implemented on PIC16F631. I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUB RD WPUB RD PORTB RD PORTB WR PORTB WR TRISB RD TRISB WR IOCB RD IOCB Interrupt-on- To EUSART RX/DT Analog(1) Input Mode RABPU Analog(1) Input Mode Change Q3 To A/D Converter(2) SYNC ST EUSART DT SPEN Available on PIC16F687/PIC16F689/PIC16F690 only. Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. 0 1 1 0 0 1 1 0 From EUSART |