| データシートサーチシステム |
|
SWTS1002 データシート(PDF) 9 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWTS1002 データシート(HTML) 9 Page - Seoul Semiconductor |
|
9 / 15 page ![]() Rev. 1.00 SWTS1002 7. Reliability (1) TEST ITEMS AND RESULTS TEST ITEM Test conditions Note Number of Damaged Reference Life Test 1 Ta = 25°C; IF = 20 mA 1000 hr 0/20 EIAJ ED-4701 100 101 Life Test 2 Ta = 25°C; IF = 30 mA 500 hr 0/20 EIAJ ED-4701 100 101 Thermal Shock -30°C ~ 85°C (30 min) (30 min) 20 cycle 0/50 EIAJ ED-4701 300 307 High Temperature Life Test Ta = 85°C; IF = 5 mA 1000 hr 0/20 - Low Temperature Life Test Ta = - 30°C; IF = 20 mA 1000 hr 0/20 - High Temperature Storage Ta = 100°C 1000 hr 0/50 EIAJ ED-4701 200 201 Low Temperature Storage Ta = - 40°C 1000 hr 0/50 EIAJ ED-4701 200 202 High Humidity Heat Life Test Ta = 60°C; RH = 90%, IF = 20 mA 500 hr 0/20 EIAJ ED-4701 100 102 Humidity Heat Load Ta = 85°C; RH = 85% 1000 hr 0/50 EIAJ ED-4701 100 103 Resistance to Soldering Heat Tsld = 260°C, 10 sec Pre treatment; 30°C, 70%, 168 hr 2 time 0/50 EIAJ ED-4701 301 302 Solder ability (Reflow Soldering) Tsld = 215±5°C, 3 sec (Lead Solder) 1 time over 95% 0/50 EIAJ ED-4701 303 Temperature Cycle - 40°C ~ 25°C ~ 100°C ~ 25°C (30 min) (5 min) (30 min) (5 min) 100 cycle 0/50 EIAJ ED-4701 100 105 Moisture Resistance Cycle 25°C ~ 65°C ~ - 10°C RH = 90%, 24 hr / 1 cycle 10 cycle 0/50 EIAJ ED-4701 200 203 ESD Human Body Mode : 1 kV 1 time 0/50 MIL-STD 888E (2) CRITERIA FOR JUDGING THE DAMAGE Criteria for Judgment Item Symbol Test Condition Min. Max. Forward Voltage VF IF = 20 mA - U.S.L × 1.2 Reverse Current IR VR = 5 V - U.S.L × 2.0 Luminous Intensity IV IF = 20 mA L.S.L × 0.5 - U.S.L. : Upper Standard Level, L.S.L. : Lower Standard Level SEOUL SEMICONDUCTOR CO., LTD. 8 SSC-QP-7-03-44(갑) |