| データシートサーチシステム |
|
LR511 データシート(PDF) 13 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
LR511 データシート(HTML) 13 Page - Seoul Semiconductor |
|
13 / 14 page ![]() -13- SEOUL SEMICONDUCTOR CO., LTD. 148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 <060712> Rev. 0.1 LB770D 10. PART NUMBERING SYSTEM * 8 * * * - * * * * * * L C B A 7 6 5 4 3 2 1 1) Lamp LED initial 2) Color U: Ultra Violet, B : Blue (460~490nm), C : Cyan (490~510nm) T : True Green (510~540nm), G : Yellow-Green (540~580nm) Y : Yellow (580~600nm) O : Orange (600~620nm) R : Red (620~700nm) W : White M : Warm I : Infrared 3) If the products have 2 or 3chips GR : Green + Red ( according to wavelength), FL : Full color 4) Outline type 1 : 3x2(square), 2 : 5x2(square), 3 : Phi3, 5 : Phi 5 , 6 : 3Phi Oval, 7 : 5Phi Oval 5) Half angle 1: ~14O, 2: 15~24O , 3: 25~34O, 4: 35~44O, 5 : 45~54O… 0 : more than 100O 6) 1st Development according to a chip 7) 2nd Development (other material) D : diffused C : colored Z : zener chip attached 8) Stand off type A, B, C : Bin cord description A: IV, B: WD C: VF |