| データシートサーチシステム |
|
E53-R4R4 データシート(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E53-R4R4 データシート(HTML) 17 Page - Omron Electronics LLC |
|
17 / 22 page ![]() Digital Controller E5CK I-79 Expansion Mode 1300 -200 s l - l pid off 15.0 0.65 1.0 0 1 0.2 0.2 c n t l s t l b a b a l f a a t - g r s e t s l - h r e t a t - h s t - b SP Setting Upper Limit SP Setting Lower Limit PID/ON/OFF ST Available if the Controller in standard control or advanced PID control has a temperature input. ST Stable Range α Available if the Controller is in advanced PID control with the ST set to OFF. AT Calculated Gain Available if the Controller is in advanced PID control with the ST set to OFF. Standby Sequence Reset Method Automatic Return of Display Mode AT Hysteresis Available if the Controller is in advanced PID control with the ST set to OFF. LBA Detection Width Available only when the LBA (loop break alarm) function of the Controller is selected. Available if the Controller in standard control or advanced PID control with the ST set to ON has a tem- perature input. |