| データシートサーチシステム |
|
PI3VDP411LS データシート(PDF) 1 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3VDP411LS データシート(HTML) 1 Page - Pericom Semiconductor Corporation |
|
1 / 11 page ![]() 1 PS8913A 08/29/07 PI3VDP411LS Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter Features • Converts low-swing AC coupled differential input to HDMI rev 1.3 compliant open-drain current steering Rx terminated differential output • HDMI level shifting operation up to 2.5Gbps per lane (250MHz pixel clock) • Integrated 50-ohm termination resistors for AC-coupled differential inputs. • Enable/Disable feature to turn off TMDS outputs to enter low-power state. • Output slew rate control on TMDS outputs to minimize EMI. • Transparent operation: no re-timing or configuration required. • 3.3 Power supply required. • Integrated ESD protection to 2kV Human Body on all I/O pins • DDC level shifters • Level shifter for HPD signal from HDMI/DVI connector • Integrated pull-down on HPD_sink input guarantees "input low" when no display is plugged in Description Pericom Semiconductor’s PI3VDP411LS provides the ability to use a Dual-mode DP transmitter in HDMI mode. This flexibility provides the user a choice of how to connect to their favorite display. All signal paths accept AC coupled video signals. The PI3VDP411LS converts this AC coupled signal into an HDMI rev 1.3 compliant signal with proper signal swing. This conver- stion is automatic and transparent to the user. The PI3VDP411LS supports up to 2.5Gbps, which provides 12- bits of color depth per channel, as indicated in HDMI rev 1.3. Pin Configuration 1 2 3 4 5 67 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 36 35 34 33 32 31 30 29 28 27 26 25 48 47 46 45 44 43 42 41 40 39 38 37 GND VCC3V IN_D1- IN_D1+ IN_D2- IN_D2+ GND IN_D3- IN_D3+ IN_D4- IN_D4+ VCC3V GND VCC3V OUT_D1- OUT_D1+ OUT_D2- OUT_D2+ GND OUT_D3- OUT_D3+ OUT_D4- OUT_D4+ VCC3V 48-pin QFN Pinout 07-0198 |
同様の部品番号 - PI3VDP411LS |
|
同様の説明 - PI3VDP411LS |