| データシートサーチシステム |
|
PACE1757M データシート(PDF) 14 Page - Pyramid Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PACE1757M データシート(HTML) 14 Page - Pyramid Semiconductor Corporation |
|
14 / 34 page ![]() PACE 1757 M/ME Page 14 of 34 Document # MICRO-10 REV B RDYD TIMING TEST END TIMING1 Notes: 1. The last two instructions executed during system test are: XIO RA, 1F44, 0 and JC 7, 0000 hex, 0. After execution of the IOW bus cycle, the XIO proceeds by filling the instruction pipe with two memory read bus cycles where the opcode 7070 hex and 0000 hex are entered to the processor. As from the end of STRBD in the second cycle, TEST END is asserted. At this point, the execution of IC starts by first issuing two fetch cycles from the "old PC" (from addresses XXXX & XXXX +1). The data will be taken from system memory (because TEST END is asserted) but both the address and data are irrelevant. Following that, IC will start filling the pipe from address 0000 hex and 0001 hex, now from the system memory to start user's program execution. 2. All time measurements on active signals relate to 1.5V levels. |