データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PACE1754 データシート(PDF) 7 Page - Pyramid Semiconductor Corporation

部品番号 PACE1754
部品情報  SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PYRAMID [Pyramid Semiconductor Corporation]
ホームページ  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1754 データシート(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button PACE1754 Datasheet HTML 3Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 9Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 10Page - Pyramid Semiconductor Corporation PACE1754 Datasheet HTML 11Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PACE1754
Page 7 of 20
Document # MICRO-5 REV C
Case Outline: Pin Grid Array (Case Z)
Terminal
Terminal
Terminal
Terminal
Terminal
Terminal
Number
Symbol
Number
Symbol
Number
Symbol
B1
VCC
L5
SC1
D11
A3
B2
IB14
K5
SC0
D10
A4
C1
IB13
L6
VCC
C11
A5
C2
IB12
K6
IOR
C10
A6
D1
IB11
L7
IOW
B11
A7
D2
IB10
K7
MEMR
A10
GND
E1
IB9
L8
MEMW
B10
A8
E2
IB8
K8
M/
IO
A9
A9
F1
EX RDY 1
L9
GND
B9
A10
F2
IB7
K9
R/
W
A8
A11
G1
IB6
L10
RDYD
B8
A12
G2
IB5
K11
EX RDY
A7
A13
H1
IB4
K10
STRB EN
B7
A14
H2
IB3
J11
STRBD
A6
A15
J1
IB2
J10
STRBA
B6
GND
J2
IB1
H11
CPU CLK
A5
VCC
K1
IB0
H10
TC
B5
STRT ROM
L2
GND
G11
SC3
A4
INTA
K2
SC2
G10
SC4
B4
EX AD ER
L3
TIMER CLK
F11
A0/EXT AD0
A3
ME PA ER
K3
TEST END
F10
A1/EXT AD1
B3
PARITY/IB16
L4
RESET
E11
A2
A2
IB15
K4
TEST ON
E10
GND
TERMINAL CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20