| データシートサーチシステム |
|
PWD5T60 データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PWD5T60 データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 27 page ![]() Figure 14. Smart shutdown timing waveforms SMART SHUTDOWN CIRCUIT LVG/HVG OD gate (internal) CIN Fast shut down the driver outputs are switched off disable time OD FAULT VREF tFCIN tFCIN tCINoff VSSDh VSSDl VOD t1 t2 OD COD SMART SD LOGIC RON_OD IOD 5 V VCC OD COD SMART SD LOGIC RON_OD IOD 5 V ROD_ext external pull-up 2 1 immediately after the comparator triggering 6.6 Overtemperature protection The device integrates an overtemperature protection, which turns and keeps all MOSFETs off when TJ exceeds TTSD. Overtemperature protection is signaled externally setting the FAULT pin low. Once TJ falls below (TTSD - THYS ) the FAULT pin is released and the MOSFETs are set according to the logic input values. PWD5T60 Functional description DS14558 - Rev 2 page 16/27 |