| データシートサーチシステム |
|
PXAS31KFA データシート(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PXAS31KFA データシート(HTML) 13 Page - NXP Semiconductors |
|
13 / 52 page ![]() Philips Semiconductors Preliminary specification XA-S3 XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V), I2C, 2 UARTs, 16 MB address range 2000 Dec 01 13 SU01219 FFFFFh 8000h 7FFFh 0000h Up to 16 MB Total Code Memory 32 kB On-chip Code Memory Figure 1. XA-S3 program memory map SU01220 FFFFh 0400h 03FFh 0000h Data Memory (Indirectly Addressed, Off-Chip) Data Memory (Directly or Indirectly Addressable, On-Chip Data Segment 0 (Bit-Addressable Data Area) Data Memory (Directly or Indirectly Addressable, On-Chip 0040h 003Fh 0020h 001Fh 0000h Data Memory (Indirectly Addressed, Off-Chip) Data Memory (Directly or Indirectly Addressable, On-Chip Other Data Segments (Bit-Addressable Data Area) Data Memory (Directly or Indirectly Addressable, Off-Chip 1 kB On-Chip Data Memory (RAM) Directly Addressed Data (1 k per Segment) FFFFh 0400h 03FFh 0040h 003Fh 0020h 001Fh Figure 2. XA-S3 data memory map |