| データシートサーチシステム |
|
ICS9DB801C データシート(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS9DB801C データシート(HTML) 13 Page - Integrated Device Technology |
|
13 / 19 page ![]() IDTTM/ICSTM Eight Output Differential Buffer for PCI Express (50-200MHz) ICS9DB801C REV C 08/16/07 ICS9DB801C Eight Output Differential Buffer for PCI Express (50-200MHz) 13 SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type 0 1 PWD Bit 7 RID3 R - - X Bit 6 RID2 R - - X Bit 5 RID1 R - - X Bit 4 RID0 R - - X Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 SMBus Table: DEVICE ID Pin # Name Control Function Type 0 1 PWD Bit 7 R1 Bit 6 R0 Bit 5 R0 Bit 4 R0 Bit 3 R0 Bit 2 R0 Bit 1 R0 Bit 0 R1 SMBus Table: Byte Count Register Pin # Name Control Function Type 0 1 PWD Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 0 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 1 Bit 0 BC0 RW - - 1 Device ID 3 Reserved Device ID 0 Reserved Device ID 2 Reserved Device ID 1 Reserved Device ID 5 Device ID 7 (MSB) Reserved Reserved Device ID 4 Reserved Device ID 6 Reserved Byte 6 - Writing to this register configures how many bytes will be read back. - - - - - - - Byte 5 - - - - - VENDOR ID - - - - - - - Byte 4 - REVISION ID - - - |