| データシートサーチシステム |
|
PM4354 データシート(PDF) 4 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM4354 データシート(HTML) 4 Page - PMC-Sierra, Inc |
|
4 / 4 page ![]() RELEASED PM4354 COMET-QUAD DATASHEET PMC-1990315 ISSUE 6 FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER / FRAMER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE iii 12.1 CONFIGURING THE COMET-QUAD FROM RESET ..................................... 331 12.2 SERVICING INTERRUPTS.............................................................................. 338 12.3 USING THE PERFORMANCE MONITORING FEATURES ............................ 338 12.4 USING THE INTERNAL HDLC TRANSMITTER.............................................. 343 12.5 USING THE INTERNAL HDLC RECEIVER ..................................................... 346 12.6 T1 AUTOMATIC PERFORMANCE REPORT FORMAT .................................. 350 12.7 USING THE TRANSMIT LINE PULSE GENERATOR ..................................... 352 12.8 USING THE LINE RECEIVER.......................................................................... 372 12.9 USING THE PRBS GENERATOR AND DETECTOR ...................................... 381 12.10 USING THE PER-CHANNEL SERIAL CONTROLLERS AND SIGX ............... 381 12.10.1 INITIALIZATION .................................................................................. 381 12.10.2 DIRECT ACCESS MODE.................................................................... 382 12.10.3 INDIRECT ACCESS MODE ................................................................ 382 12.11 T1/E1 FRAMER LOOPBACK MODES............................................................. 383 12.11.1 LINE LOOPBACK................................................................................ 383 12.11.2 PAYLOAD LOOPBACK ....................................................................... 383 12.11.3 PER-CHANNEL LOOPBACK .............................................................. 384 12.11.4 DIAGNOSTIC DIGITAL LOOPBACK................................................... 385 12.12 RSYNC GENERATION .................................................................................... 385 12.13 BACKPLANE CONFIGURATION ..................................................................... 386 12.13.1 RECEIVE CLOCK MASTER: FULL T1/E1 MODE SETTINGS ........... 387 12.13.2 RECEIVE CLOCK MASTER: NX64KBIT/S MODE SETTINGS.......... 388 12.13.3 RECEIVE CLOCK MASTER: CLEAR CHANNEL MODE SETTINGS 388 12.13.4 RECEIVE CLOCK SLAVE: FULL T1/E1 MODE SETTINGS............... 389 12.13.5 RECEIVE CLOCK SLAVE: H-MVIP MODE SETTINGS...................... 389 |