| データシートサーチシステム |
|
CLX6F-GKB データシート(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLX6F-GKB データシート(HTML) 4 Page - Cree LED |
|
4 / 10 page ![]() CLX6F-GKB: PLCC6 3 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1380 REV 5 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength (nm) Package Min. Max. Color Bin Min.(nm) Color Bin Max.(nm) Green CLX6F-GKB-C1h1jX7a3 5020 9000 G7 520 Ga 540 Reel Green CLX6F-GKB-C1h1j17D3 Any 1 Intensity bin from 1h1j(5020) - X(9000) Any 1 hue bin from G7(520) - Ga(540) Reel Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |