| データシートサーチシステム |
|
CLX6F-RKB データシート(PDF) 10 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLX6F-RKB データシート(HTML) 10 Page - Cree LED |
|
10 / 10 page ![]() CLX6F-RKB: PLCC6 3 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1379 REV 5 10 PACKAGING • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water resistant, and they must be kept away from water and moisture. • The reel pack is applied in SMD LED. • Max 2800 pcs per reel. |