データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W31 データシート(PDF) 2 Page - Welwyn Components Limited

部品番号 W31
部品情報  Cement Coated Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WELWYN [Welwyn Components Limited]
ホームページ  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

W31 データシート(HTML) 2 Page - Welwyn Components Limited

  W31 Datasheet HTML 1Page - Welwyn Components Limited W31 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
63
f1
f2
6
6
10
f1 –f2
≤ 1.4 mm
Cement Coated
Wirewound Resistors
W30 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
100
Issue D · 07.06
Welwyn Components
Maximum
Typical
Load:
1000 hrs 3 watts @ 25°C
∆R%
5.0 + .001
Ω
3.5
1000 hrs 2.5 watts @ 70°C
∆R%
5.0 + .001
Ω
3.5
Dry heat: 1000 hrs at 200°C
∆R%
5.0 + .001
Ω
3.5
Derating from room temperature
see derating curve
Short term overload 10 x rated power for 5 seconds
∆R%
5.0 + .001
Ω
1.0
Climatic
∆R%
5.0 + .001
Ω
3.5
Climatic category
55/200/56
Long term damp heat: 56 days
∆R%
3.0 + .001
Ω
1.0
Temperature rapid change
∆R%
2.0 + .001
Ω
1.5
Resistance to solder heat
∆R%
5.0 + .001
Ω
2.0
Vibration and bump
∆R%
5.0 + .001
Ω
2.0
Voltage proof
volts
500 min
Pulse handling
Data available by request
Performance Data
20
40
60
80 100 120 140 160 180 200 220 240 260 280
130
120
110
100
90
80
70
60
50
40
30
20
10
0
Temp
W31 Series Derating Curve
Type
W31
Ammo pack
1000
Reel
1000
Standard Quantities Per Package
Application Notes
The terminations should not be bent closer than 1.6mm from
the body, and the recommended minimum bend radius is
1.2mm.
Care must be taken when determining clearance between the
resistor body and the P.C.B. or other components. Resistance
is measured 6mm from body.
Packaging
The standard method of packaging is taped in ammo packs.
Can be provided on reels by request.
W31 resistors can be supplied preformed.
Contact factory for details.



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com