| データシートサーチシステム |
|
WFF1/4 データシート(PDF) 2 Page - Welwyn Components Limited |
|
|
|||||||||||||||||||||||||||||
WFF1/4 データシート(HTML) 2 Page - Welwyn Components Limited |
|
2 / 3 page ![]() Fast Fusible Metal Film Resistors WFF Series © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com Issue D · 03.06 Welwyn Components 162 Test Method (for graph 3 and 4) The resistor is subject to 10,000 pulses as shown in figure (1). Maximum resistance change due to test will not exceed 1%. Maximum pulse voltages are detailed in graph 3 above. For any combination of power and pulse length (ti). tp is determined by the need to ensure that the average power does not exceed the rated power. tp = Applied Pulse Power Rated Power x ti 100000 10000 1000 100 10 10 100 1000 10000 1.2/50 μS Pulse Withstand Value (OHMS) WFF 1/4 WFF 1/2 WFF 1 Graph 1 100000 10000 1000 100 10 10 100 1000 10000 10/700 μS Pulse Withstand Value (OHMS) WFF 1/4 WFF 1/2 WFF 1 Graph 2 1.0000 0.1000 0.0100 0.0010 0.0001 100 1000 10000 Maximum peak pulse voltage as a function of pulse duration (ti) WFF 1/4 WFF 1/2 WFF 1 ti (s) Graph 3 0 1 10 100 Maximum peak pulse power as a function of pulse duration (ti) WFF 1/4 WFF 1/2 WFF 1 ti (s) 1.0000 0.1000 0.0100 0.0010 0.0001 Graph 4 Above tests carried out in accordance with IEC 115.1. Change of value after test ±1% Time (secs) tp ti Figure 1 Pulse Handling Graphs Maximum Load: 1000 hrs at 70˚ C 3 % R Shelf life: 12 months at room temperature 2 % R Derating from rated power at 70˚ 5 5 1 t a o r e z C ˚C Temperature rapid change 5 . 0 % R Resistance to solder heat 5 . 0 % R Performance Data Issue E · 01.07 |