| データシートサーチシステム |
|
ICS1893CFILF データシート(PDF) 16 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILF データシート(HTML) 16 Page - Integrated Circuit Systems |
|
16 / 126 page ![]() ICS1893CF, Rev. F, 03/01/07 Mar. 2007 16 Chapter 5 Interface Overviews ICS1893CF Data Sheet - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. Chapter 5 Interface Overviews The ICS1893CF MAC Interface is fully configurable, thereby allowing it to accommodate many different applications. This chapter includes overviews of the following MAC-to-PHY interfaces: • Section 5.1, “MII Data Interface” • Section 5.2, “Serial Management Interface” • Section 5.3, “Twisted-Pair Interface” • Section 5.4, “Clock Reference Interface” • Section 5.5, “Status Interface” |