| データシートサーチシステム |
|
P4C116-35JM データシート(PDF) 3 Page - Pyramid Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
P4C116-35JM データシート(HTML) 3 Page - Pyramid Semiconductor Corporation |
|
3 / 14 page ![]() P4C116/P4C116L Page 3 of 14 Document # SRAM110 REV A AC ELECTRICAL CHARACTERISTICS—READ CYCLE (V CC = 5V ± 10%, All Temperature Ranges) (2) Sym. t RC t AA t AC t OH t LZ t HZ t OE t OLZ t OHZ t PU t PD Parameter Output Enable Low to Data Valid Chip Enable to Power Up Time Chip Disable to Power Down Read Cycle Time Address Access Time Chip Enable Access Time Output Hold from Address Change Chip Enable to Output in Low Z Chip Disable to Output in High Z Output Enable Low to Low Z Output Enable High to High Z –10 Min Max –12 Min Max –15 Min Max –20 Min Max –25 Min Max –35 Min Max Unit 15 15 15 2 2 7 10 0 8 0 15 20 2 2 0 0 20 20 8 10 9 20 25 2 3 0 0 25 25 10 15 12 20 35 2 3 0 0 35 35 15 20 15 25 ns ns ns ns ns ns ns ns ns ns ns 10 2 2 0 0 10 10 5 10 12 2 2 0 0 12 12 6 12 *V CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE = VIL, OE = VIH. I CC Symbol Parameter Temperature Range Dynamic Operating Current* Commercial Military –10 N/A –12 –20 –25 –35 Unit mA mA POWER DISSIPATION CHARACTERISTICS VS. SPEED N/A 170 160 155 150 180 170 160 155 150 140 –15 67 8 6 DATA RETENTION CHARACTERISTICS (P4C116L Military Temperature Only) Symbol V DR I CCDR t CDR t R † Parameter V CC for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time Test Conditons CE ≥ V CC –0.2V, V IN ≥ VCC –0.2V or V IN ≤ 0.2V Min 2.0 0 t RC § Typ.* V CC = 2.0V 3.0V Max V CC = 2.0V 3.0V Unit 10 15 600 900 V µA ns ns *T A = +25°C §t RC = Read Cycle Time † This parameter is guaranteed but not tested. DATA RETENTION WAVEFORM |