| データシートサーチシステム |
|
PM7344 データシート(PDF) 57 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7344 データシート(HTML) 57 Page - PMC-Sierra, Inc |
|
57 / 293 page ![]() PM7344 S/UNI-MPH DATA SHEET PMC-950449 ISSUE 6 MULTI-PHY USER NETWORK INTERFACE PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 41 tolerance; the low frequency tolerance of the second algorithm is approximately 80% of that of the first algorithm. The T1 jitter tolerance with ALGSEL set to 1 and to 0 is shown in the following illustration. Figure 6 - T1 Jitter Tolerance Specification 10 0.3 0.31 10 100 0.4 AT&T SPEC. BELLCORE SPEC. IN SPEC. REGION CDRC MAX. TOLERANCE (ALGSEL=0) SINEWAVE JITTER FREQUENCY, kHz - LOG SCALE SINEWAVE JITTER AMPLITUDE P. TO P. (UI) LOG SCALE CDRC MAX. TOLERANCE (ALGSEL=1) 0.70 The input jitter tolerance for E1 interfaces complies with ITU-T Recommendation G.823. The tolerance is measured with a 215-1 sequence. The E1 jitter tolerance is with ALGSEL set to 1 and to 0 is shown in the following illustrations. |