データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY22800-059A データシート(PDF) 6 Page - Cypress Semiconductor

部品番号 CY22800-059A
部品情報  Universal Programmable Clock Generator (UPCG)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22800-059A データシート(HTML) 6 Page - Cypress Semiconductor

Back Button CY22800-059A Datasheet HTML 2Page - Cypress Semiconductor CY22800-059A Datasheet HTML 3Page - Cypress Semiconductor CY22800-059A Datasheet HTML 4Page - Cypress Semiconductor CY22800-059A Datasheet HTML 5Page - Cypress Semiconductor CY22800-059A Datasheet HTML 6Page - Cypress Semiconductor CY22800-059A Datasheet HTML 7Page - Cypress Semiconductor CY22800-059A Datasheet HTML 8Page - Cypress Semiconductor CY22800-059A Datasheet HTML 9Page - Cypress Semiconductor CY22800-059A Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY22800
Document #: 001-07704 Rev. *A
Page 6 of 10
Cypress offers a wide range of programmable clock synthesizers that can be used to generate any other frequencies not covered
by the CY22800. Table 2 summarizes all Cypress programmable devices including CY22800.
CY22800-155A X25 Multiplier
CLKIN: 0.5–6.6
XTAL: 8–6.6
CLKA: 12.5–165
CLKB: REFOUT
NN
CY22800-156A 2/3 Multiplier
CLKIN: 2.5–82.5
XTAL: 8–30
CLKA: 1.67–55
CLKB: REFOUT
NN
CY22800-157A 4/3 Multiplier
CLKIN: 1.5–82.5
XTAL: 8–27.5
CLKA: 2–110
CLKB: REFOUT
NN
CY22800-158A 3/4 Multiplier
CLKIN: 3.5–110
XTAL: 8–30
CLKA: 2.625–82.5
CLKB: REFOUT
NN
CY22800-159A 3/2 Multiplier
CLKIN: 1.5–110
XTAL: 8–27.5
CLKA: 2.25–165
CLKB: REFOUT
NN
CY22800-160A 2/5 Multiplier
CLKIN: 5–133
XTAL: 8 - 30
CLKA: 2–53.2
CLKB: REFOUT
NN
CY22800-161A 3/5 Multiplier
CLKIN: 3.5–110
XTAL: 8–30
CLKA: 2.1–66
CLKB: REFOUT
NN
CY22800-162A 5/6 Multiplier
CLKIN: 3–66
XTAL: 8–30
CLKA: 2.5–55
CLKB: REFOUT
NN
CY22800-163A 6/5 Multiplier
CLKIN: 2–55
XTAL: 8–30
CLKA: 2.4–66
CLKB: REFOUT
NN
CY22800-164A 5/8 Multiplier
CLKIN: 2.5–80
XTAL: 8–30
CLKA: 1.56–50
CLKB: REFOUT
NN
CY22800-165A 8/5 Multiplier
CLKIN: 2–41.25
XTAL: 8–30
CLKA: 3.2–66
CLKB: REFOUT
NN
Table 1. CY22800 Configurations (continued)
Code #
Code name
Input Freq. (MHz)
Output Freq. (MHz)
SS
VCXO
Table 2. Cypress Programmable Clocks[3]
Part #
No. of PLL Input Freq.
Output
Freq.
Package
No. of
Outputs
Spread
Spectrum
VCXO
I2C
CY22800
1
0.5–100
1–200
8-SOIC
up to 3
Yes
Yes
No
CY22801
1
0.5–133
1–200
8-SOIC
up to 3
No
No
No
CY22050
1
1–133
0.08–200
16-TSSOP
up to 6
No
No
No
CY22150
1
1–133
0.08–200
16-TSSOP
up to 6
No
No
Yes
CY25100
1
8–166
3–200
8-SOIC/TSSOP
up to 2
Yes
No
No
CY25200
1
3–166
3–200
16-TSSOP
up to 6
Yes
No
No
CY241V08
1
27/13.5
27/13.5
8-SOIC
up to 2
No
Yes
No
CY22392
3
1–166
1–200
16-TSSOP
up to 6
No
No
No
CY22381
3
1–166
1–200
8-SOIC
up to 3
No
No
No
CY22393
3
1–166
1–200
16-TSSOP
up to 6
No
No
Yes
CY22394/5
3
1–166
1–200
16-TSSOP
up to 5
No
No
No
CY22388/89/91
4
1–100
4.2–166
16/20-TSSOP,
32-QFN
up to 8
No
Yes
No
Note
3. The CY3672 programmer can be used to program all Cypress chips. Refer to the CY3672 data sheet for programming procedures.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10