データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY62136EV30 データシート(PDF) 1 Page - Cypress Semiconductor

部品番号 CY62136EV30
部品情報  2-Mbit (128K x 16) Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136EV30 データシート(HTML) 1 Page - Cypress Semiconductor

  CY62136EV30 Datasheet HTML 1Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 2Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 3Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 4Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 5Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2-Mbit (128K x 16) Static RAM
CY62136EV30
MoBL®
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05569 Rev. *B
Revised January 6, 2006
Features
• Very high speed: 45 ns
• Wide voltage range: 2.20V–3.60V
• Pin-compatible with CY62136CV30
• Ultra low standby power
— Typical standby current: 1
µA
— Maximum standby current: 7
µA
• Ultra-low active power
— Typical active current: 2 mA @ f = 1 MHz
• Easy memory expansion with CE, and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Offered in a Pb-free 48-ball VFBGA and 44-pin TSOP II
packages
Functional Description[1]
The CY62136EV30 is a high-performance CMOS static RAM
organized as 128K words by 16 bits. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life™ (MoBL®) in
portable applications such as cellular telephones. The device
also has an automatic power-down feature that significantly
reduces power consumption by 80% when addresses are not
toggling. The device can also be put into standby mode
reducing power consumption by more than 99% when
deselected (CE HIGH). The input/output pins (I/O0 through
I/O15) are placed in a high-impedance state when: deselected
(CE HIGH), outputs are disabled (OE HIGH), both Byte High
Enable and Byte Low Enable are disabled (BHE, BLE HIGH),
or during a write operation (CE LOW and WE LOW).
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A16). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A16).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is
LOW, then data from memory will appear on I/O8 to I/O15. See
the truth table at the back of this data sheet for a complete
description of read and write modes.
Note:
1. For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
128K x 16
RAM Array
I/O0–I/O7
A8
A7
A6
A5
A2
COLUMN DECODER
DATA IN DRIVERS
OE
A4
A3
I/O8–I/O15
CE
WE
BLE
BHE
A0
A1
A9
A10
[+] Feedback
[+] Feedback


同様の部品番号 - CY62136EV30

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY62136EV30 CYPRESS-CY62136EV30 Datasheet
498Kb / 15P
2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30 Datasheet
496Kb / 16P
2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30LL CYPRESS-CY62136EV30LL Datasheet
579Kb / 12P
2-Mbit (128K x 16) Static RAM
CY62136EV30LL CYPRESS-CY62136EV30LL Datasheet
498Kb / 15P
2-Mbit (128K x 16) Static RAM
CY62136EV30LL-45BVXI CYPRESS-CY62136EV30LL-45BVXI Datasheet
498Kb / 15P
2-Mbit (128K x 16) Static RAM
More results

同様の説明 - CY62136EV30

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
2-Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
2 Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
2-Mbit (128K x 16) Static RAM
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com