| データシートサーチシステム |
|
AM69 データシート(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 データシート(HTML) 20 Page - Texas Instruments |
|
20 / 312 page ![]() Table 5-1. Pin Attributes (ALY, AND Packages) (continued) ALY Ball Num [1] AND Ball Num [1] Ball Name [2] PADCFG Register [15] PADCFG Address [16] Signal Name [3] Mux Mode [4] Signal Type [5] I/O Voltage [6] Ball State DURING Reset (RX/TX/PULL) [7] Ball State AFTER Reset (RX/TX/PULL) [8] Mux Mode AFTER Reset [9] Pull Type [10] Power [11] Hys [12] Voltage Buffer Type [13] IO RET [14] AE7 AC3 DDR0_DQ17 DDR0_DQ17 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AG3 AE3 DDR0_DQ18 DDR0_DQ18 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AF5 AB2 DDR0_DQ19 DDR0_DQ19 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AE6 AC4 DDR0_DQ20 DDR0_DQ20 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AF4 AD2 DDR0_DQ21 DDR0_DQ21 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AE3 AC6 DDR0_DQ22 DDR0_DQ22 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AE4 AD4 DDR0_DQ23 DDR0_DQ23 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AG5 AG4 DDR0_DQ24 DDR0_DQ24 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AH3 AG2 DDR0_DQ25 DDR0_DQ25 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AJ2 AF3 DDR0_DQ26 DDR0_DQ26 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AH4 AE5 DDR0_DQ27 DDR0_DQ27 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AJ4 AE6 DDR0_DQ28 DDR0_DQ28 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AH6 AG5 DDR0_DQ29 DDR0_DQ29 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AH7 AF4 DDR0_DQ30 DDR0_DQ30 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AG6 AH6 DDR0_DQ31 DDR0_DQ31 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR V1 T1 DDR0_DQS0N DDR0_DQS0N IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 www.ti.com 20 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM69A AM69 |