| データシートサーチシステム |
|
TDA4VM21 データシート(PDF) 85 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 データシート(HTML) 85 Page - Texas Instruments |
|
85 / 331 page ![]() Table 5-8. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO1_6 General Purpose Input/Output IO W1 GPIO1_7 General Purpose Input/Output IO AC5 GPIO1_8 General Purpose Input/Output IO AA5 GPIO1_9 General Purpose Input/Output IO Y6 GPIO1_10 General Purpose Input/Output IO AA6 GPIO1_11 General Purpose Input/Output IO U2 GPIO1_12 General Purpose Input/Output IO U3 GPIO1_13 General Purpose Input/Output IO V6 GPIO1_14 General Purpose Input/Output IO V5 GPIO1_15 General Purpose Input/Output IO R26 GPIO1_16 General Purpose Input/Output IO R25 GPIO1_17 General Purpose Input/Output IO P24 GPIO1_18 General Purpose Input/Output IO R24 GPIO1_19 General Purpose Input/Output IO P25 GPIO1_20 General Purpose Input/Output IO R29 GPIO1_21 General Purpose Input/Output IO P23 GPIO1_22 General Purpose Input/Output IO R28 GPIO1_23 General Purpose Input/Output IO T28 GPIO1_24 General Purpose Input/Output IO T29 GPIO1_25 General Purpose Input/Output IO T27 GPIO1_26 General Purpose Input/Output IO T24 GPIO1_27 General Purpose Input/Output IO T26 GPIO1_28 General Purpose Input/Output IO T25 GPIO1_29 General Purpose Input/Output IO U6 GPIO1_30 General Purpose Input/Output IO AD1 GPIO1_31 General Purpose Input/Output IO AC1 GPIO1_32 General Purpose Input/Output IO AC3 GPIO1_33 General Purpose Input/Output IO AD3 GPIO1_34 General Purpose Input/Output IO AD2 GPIO1_35 General Purpose Input/Output IO AE2 5.3.3.2 WKUP Domain Table 5-9. GPIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_GPIO0_0 General Purpose Input/Output IO F26 WKUP_GPIO0_1 General Purpose Input/Output IO F25 WKUP_GPIO0_2 General Purpose Input/Output IO F28 WKUP_GPIO0_3 General Purpose Input/Output IO F27 WKUP_GPIO0_4 General Purpose Input/Output IO G25 WKUP_GPIO0_5 General Purpose Input/Output IO G24 WKUP_GPIO0_6 General Purpose Input/Output IO F29 WKUP_GPIO0_7 General Purpose Input/Output IO G28 WKUP_GPIO0_8 General Purpose Input/Output IO G27 WKUP_GPIO0_9 General Purpose Input/Output IO G26 www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 85 Product Folder Links: TDA4VM-Q1 TDA4VM |