データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAR250 データシート(PDF) 23 Page - Cypress Semiconductor

部品番号 STAR250
部品情報  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250 データシート(HTML) 23 Page - Cypress Semiconductor

Back Button STAR250 Datasheet HTML 16Page - Cypress Semiconductor STAR250 Datasheet HTML 17Page - Cypress Semiconductor STAR250 Datasheet HTML 18Page - Cypress Semiconductor STAR250 Datasheet HTML 19Page - Cypress Semiconductor STAR250 Datasheet HTML 20Page - Cypress Semiconductor STAR250 Datasheet HTML 21Page - Cypress Semiconductor STAR250 Datasheet HTML 22Page - Cypress Semiconductor STAR250 Datasheet HTML 23Page - Cypress Semiconductor STAR250 Datasheet HTML 24Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 23 of 24
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Ordering Information
Part Numbers
Evaluation kit
For evaluating purposes an STAR250 evaluation kit is
available. The STAR250 evaluation kit consists of a
multifunctional digital board (memory, sequencer and IEEE
1394 Fire Wire interface) and an analog image sensor board.
Visual Basic software (under Win 2000 or XP) allows the
grabbing and display of images from the sensor. All acquired
images can be stored in different file formats (8 or 16-bit). All
setting can be adjusted on the fly to evaluate the sensors
specs. Default register values can be loaded to start the
software in a desired state. Please contact us for more
information.
All products and company names mentioned in this document
may be the trademarks of their respective holders
FillFactory part number
Cypress Part number
Package
Glass Lid
Mono/Color
STAR250
CYIS1SM0250AA-HQC
84-pin JLCC
Quartz fused silica
Mono
STAR250BK7
CYIS1SM0250AA-HHC
84-pin JLCC
BK7G18
Mono
Evaluation system
CYIS1SM0250-EVAL
84-pin JLCC
Quartz fused silica
Mono
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24