| データシートサーチシステム |
|
MLZ2012N100LT000 データシート(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
MLZ2012N100LT000 データシート(HTML) 5 Page - Renesas Technology Corp |
|
5 / 22 page ![]() UM-GP-005 Advanced Analog GreenPAK Evaluation Board User Manual Revision 1.2 21-Mar-2022 CFR0012 5 of 21 © 2022 Renesas Electronics Corporation 3 Getting Started This user manual provides information on using the AA PAK Evaluation Board. Section 3 helps to familiarize the User with the development process by introducing the GreenPAK product family and providing additional resources on obtaining the hardware, downloading the software, and finding additional support from Renesas Electronics Corporation. In Section 4, this document describes the evaluation board hardware by breaking down the board into sections centered around key features such as the opamps, the rheostats, and the analog switches. This section also explains some of the nuances for controlling the evaluation board using the GreenPAK software interface. Section 5 introduces a variety of common application example configurations for the evaluation board. 3.1 Hardware The AA PAK Evaluation Board can be purchased from Renesas ’s webstore. A link to the store is provided in Table 1. By default, the SLG47004 Evaluation Boards come populated with the BOM items listed in Appendix A. 3.2 GreenPAK Development Tools and Designer Software Although one can configure the SLG47004 with any I2C controller, we recommend using the GreenPAK Designer software with either the GreenPAK Advanced Development Platform or the GreenPAK Serial Debugger for initial evaluation. Renesas ’s development tools and software support platform provide an easy-to-use and tested ecosystem for evaluating the functionality of the Advanced Analog GreenPAK IC. Table 1 contains links to the GreenPAK Designer software, the GreenPAK Development Tools selector, and Renesas’s webstore. Refer to Section 4.3 for more information on using the GreenPAK Advanced Development Board and the GreenPAK Serial Debugger. For more information on using your own I2C controller to interface with the SLG47004 on the AA PAK’s Evaluation Board, please refer to the I2C and NVM sections of the SLG47004’s base die datasheet. For additional support, please reach out to your local FAE or contact us on Renesas’s customer support forum. |