| データシートサーチシステム |
|
PCA9673PW データシート(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9673PW データシート(HTML) 30 Page - NXP Semiconductors |
|
30 / 33 page ![]() PCA9673_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 1 February 2007 30 of 33 NXP Semiconductors PCA9673 Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 17. Abbreviations MSL: Moisture Sensitivity Level Fig 34. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 9. Abbreviations Acronym Description CDM Charged Device Model CMOS Complementary Metal Oxide Semiconductor ESD ElectroStatic Discharge GPIO General Purpose Input/Output HBM Human Body Model I2C-bus Inter-Integrated Circuit bus ID Identification LED Light Emitting Diode LSB Least Significant Bit MM Machine Model MSB Most Significant Bit PLC Programmable Logic Controller RAID Redundant Array of Independent Disks SMBus System Management Bus |