| データシートサーチシステム |
|
LV5103LP データシート(PDF) 8 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LV5103LP データシート(HTML) 8 Page - Sanyo Semicon Device |
|
8 / 11 page ![]() LV5103LP No.A0585-8/11 Equivalent Circuit Block Diagram Pin No. Pin Functions Equivalent Circuit 1 16 19 37 39 STCLR PWRHOLD RFPDN PWRSAVE ADPTDETIN Input pins 29 21 2 VBAT1 VBAT2 VBAT3 Power supply pins 3 9 11 VBATL8 VBATL6 VBATL7 VBATL pins The M1 transistor is only present in the VBATL8 circuit. 4 5 7 8 10 20 22 23 24 27 28 30 31 LDO8O LDO8S LDO6S LDO6O LDO7O LDO5O LDO4O LDO4S LDO1O LDO3S LDO3O LDO2O LDO2S LDO output pins The LDO*O pins for LDO1, LDO5, and LDO7 are shorted internally in the IC to the corresponding LDO*S pin. 6 STATUS STATUS pin Continued on next page. VBAT1 Corresponding pin GNDM 18k Ω 1M Ω VBAT* GNDM VBAT1 GNDM M1 VBAT3 VBATL* GNDM VBAT* LDO*O LDO*S VBAT1 GNDM STATUS |