データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NEX81802DA データシート(PDF) 13 Page - Nexperia B.V. All rights reserved

部品番号 NEX81802DA
部品情報  Adaptive Synchronous Rectifier (SR) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX81802DA データシート(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button NEX81802DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 10Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 11Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 12Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 13Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 14Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 15Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 16Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Nexperia
NEX81801DA; NEX81802DA
Adaptive Synchronous Rectifier (SR) Controller
12. Package outline
MO-193
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8061-1
sot8061-1_po
24-09-04
24-09-16
Unit(1)
mm
max
nom
min
1.10 0.10
0.50 0.20
0.10
A
Dimensions (mm are the original dimensions)
Note
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.25 mm per end.
Dimension E1 does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0. 25 mm per side.
D and E1 dimensions are determined at datum H.
A1
1.00
b
c
D
E
8°
0°
θ
e
e1
L
y
w
0.20
0.30
0.00
0.30 0.08
0.70
0.60
0
3 mm
scale
Plastic, surface-mounted package (TSOT23-6); 6 leads
SOT8061-1
A2
E1
0.95
BSC
1.90
BSC
A
A2
A1
C
seating plane
y C
(6×)
M
seating plane
gauge plane
H
detail M
0.25
θ
L
c
E
D
e1
e
B
A-B
C
D
w
b
(6×)
1
2
3
6
5
4
D/2
D
A
E1/2
E1
pin 1 index area
(D/2 × E1/2)
C
2.90
3.05
2.75
2.80
3.00
2.60
1.60
1.75
1.45
Fig. 26. Package outline SOT8061-1 (TSOT23-6)
NEX81801_2DA
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
13 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com