| データシートサーチシステム |
|
157.310 データシート(PDF) 4 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
157.310 データシート(HTML) 4 Page - France Joint |
|
4 / 4 page ![]() FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com | | DIMENSIONS Part number Rod diameter Ød1 f8/h9 Groove diameter ØD1 H9 Groove width L1 0/+0.20 157.018 18.00 29.00 4.20 157.020 20.00 31.00 4.20 157.022 22.00 33.00 4.20 157.025 25.00 36.00 4.20 157.028 28.00 39.00 4.20 157.030 30.00 41.00 4.20 157.032 32.00 43.00 4.20 157.035 35.00 46.00 4.20 157.036 36.00 47.00 4.20 157.038 38.00 53.50 6.30 157.040 40.00 55.50 6.30 157.042 42.00 57.50 6.30 157.045 45.00 60.50 6.30 157.048 48.00 63.50 6.30 157.050 50.00 65.50 6.30 157.052 52.00 67.50 6.30 157.055 55.00 70.50 6.30 157.056 56.00 71.50 6.30 157.058 58.00 73.50 6.30 157.060 60.00 75.50 6.30 157.062 62.00 77.50 6.30 157.063 63.00 78.50 6.30 157.065 65.00 80.50 6.30 157.068 68.00 83.50 6.30 157.070 70.00 85.50 6.30 157.075 75.00 90.50 6.30 157.080 80.00 95.50 6.30 157.085 85.00 100.50 6.30 157.090 90.00 105.50 6.30 157.095 95.00 110.50 6.30 157.100 100.00 115.50 6.30 157.105 105.00 120.50 6.30 157.110 110.00 125.50 6.30 157.115 115.00 130.50 6.30 157.120 120.00 135.50 6.30 157.125 125.00 140.50 6.30 157.130 130.00 145.50 6.30 157.135 135.00 150.50 6.30 Part number Rod diameter Ød1 f8/h9 Groove diameter ØD1 H9 Groove width L1 0/+0.20 157.140 140.00 155.50 6.30 157.145 145.00 160.50 6.30 157.150 150.00 165.50 6.30 157.155 155.00 170.50 6.30 157.160 160.00 175.50 6.30 157.165 165.00 180.50 6.30 157.170 170.00 185.50 6.30 157.175 175.00 190.50 6.30 157.180 180.00 195.50 6.30 157.185 185.00 200.50 6.30 157.190 190.00 205.50 6.30 157.195 195.00 210.50 6.30 157.200 200.00 221.00 8.10 157.205 205.00 226.00 8.10 157.210 210.00 231.00 8.10 157.215 215.00 236.00 8.10 157.220 220.00 241.00 8.10 157.230 230.00 251.00 8.10 157.240 240.00 261.00 8.10 157.250 250.00 271.00 8.10 157.260 260.00 284.50 8.10 157.270 270.00 294.50 8.10 157.280 280.00 304.50 8.10 157.290 290.00 314.50 8.10 157.300 300.00 324.50 8.10 157.310 310.00 334.50 8.10 157.320 320.00 344.50 8.10 157.330 330.00 354.50 8.10 157.340 340.00 364.50 8.10 157.350 350.00 374.50 8.10 157.360 360.00 384.50 8.10 157.370 370.00 394.50 8.10 157.380 380.00 404.50 8.10 157.390 390.00 414.50 8.10 157.400 400.00 424.50 8.10 157.450 450.00 474.50 8.10 157.500 500.00 524.50 8.10 The figures highlighted in bold correspond to the dimensions for standard ISO 7425/2, with the rod diameters in line with standard ISO 3320. Other intermediate sizes can be provided. HYDRAULIC SEALS | ROD SEALS | BECA 157 - 158 |