| データシートサーチシステム |
|
PI74FCT3244SE データシート(PDF) 7 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT3244SE データシート(HTML) 7 Page - Pericom Semiconductor Corporation |
|
7 / 7 page ![]() PI74FCT3244 3.3V 8-Bit Buffer/Line Driver 7 PS7067I 06/20/06 Pericom Semiconductor Corporation • 1-800-435-2336 • http://www.pericom.com Ordering Information Ordering Code Package Code Package Description PI74FCT3244L L 20-pin 173-mil wide plastic TSSOP PI74FCT3244LE L Pb-free & Green, 20-pin 173-mil wide plastic TSSOP PI74FCT3244Q Q 20-pin 150-mil narrow plastic QSOP PI74FCT3244QE Q Pb-free & Green, 20-pin 150-mil narrow plastic QSOP PI74FCT3244S S 20-pin 300-mil wide plastic SSOP PI74FCT3244SE S Pb-free & Green, 20-pin 300-mil wide plastic SSOP Notes: • Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ • E = Pb-free & Green • Adding an X suffix = Tape/Reel 06-0218 |