| データシートサーチシステム |
|
PIIPM50F06C004 データシート(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
PIIPM50F06C004 データシート(HTML) 4 Page - International Rectifier |
|
4 / 28 page ![]() www.irf.com 4 PIIPM50P12B004 I27146 01/03 Power Module Frame Pins Mapping Following pins are intended for signal communication between driving board and power module only, though here described for completeness, they are on purpose not available to the user. Symbol Lead Description Pin number DC + DC Bus plus input signal DC - DC Bus minus input signal (internally connected to COM) Th + Thermal sensor positive input Th - Thermal sensor negative input (internally connected to COM) Sh + DC Bus minus series shunt positive input (Kelvin point) Sh - DC Bus minus series shunt negative input (Kelvin point) G1/2/3 Gate connections for high side IGBTs E1/2/3 Emitter connections for high side IGBTs (Kelvin points) R1/2/3 + Output current sensing resistor positive input (IGBTs emitters 1/2/3 side, Kelvin points) R1/2/3 - Output current sensing resistor negative input (Motor side, Kelvin points) G4/5/6 Gate connections for low side IGBTs E4/5/6 Emitter connections for low side IGBTs (Kelvin points) Lateral connectors on embedded driving board |