データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAM9X75 データシート(PDF) 10 Page - Microchip Technology

部品番号 SAM9X75
部品情報  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75 データシート(HTML) 10 Page - Microchip Technology

Back Button SAM9X75 Datasheet HTML 6Page - Microchip Technology SAM9X75 Datasheet HTML 7Page - Microchip Technology SAM9X75 Datasheet HTML 8Page - Microchip Technology SAM9X75 Datasheet HTML 9Page - Microchip Technology SAM9X75 Datasheet HTML 10Page - Microchip Technology SAM9X75 Datasheet HTML 11Page - Microchip Technology SAM9X75 Datasheet HTML 12Page - Microchip Technology SAM9X75 Datasheet HTML 13Page - Microchip Technology SAM9X75 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
...........continued
BGA243
Pins
rotatethispage90
Power Rail
I/O Type
Primary
Alternate
PIO Peripheral
Reset State
Signal
Dir
Signal
Dir
Func
Signal
Dir
I/O
Set
Signal, Dir, PU,
PD, HiZ, ST,
SEC, FILTER
U8
VDDIOP0
GPIO
PA16
I/O
–
–
A
TIOA1
I/O
1
PIO, I, PU, ST
B
FLEXCOM5_IO0
I/O
1,2
C
CLASSD_R1
O
1
P17
VDDIOP0
GPIO
PA17
I/O
–
–
A
TIOA2
I/O
1
PIO, I, PU, ST
B
FLEXCOM5_IO2
I/O
1,2
C
CLASSD_R2
O
1
R17
VDDIOP0
GPIO
PA18
I/O
–
–
A
TCLK0
I
1
PIO, I, PU, ST
B
TK
I/O
1
C
CLASSD_L0
O
1
N17
VDDIOP0
GPIO
PA19
I/O
–
–
A
TCLK1
I
1
PIO, I, PU, ST
B
TF
I/O
1
C
CLASSD_L1
O
1
U7
VDDIOP0
GPIO
PA20
I/O
WKUP4
–
A
TCLK2
I
1
PIO, I, PU, ST
B
TD
O
1
C
CLASSD_L2
O
1
R16
VDDIOP0
GPIO
PA21
I/O
–
–
A
TIOB0
I/O
1
PIO, I, PU, ST
B
RD
I
1
C
CLASSD_L3
O
1
U10
VDDIOP0
GPIO
PA22
I/O
–
–
A
TIOB1
I/O
1
PIO, I, PU, ST
B
RK
I/O
1
C
CLASSD_R3
O
1
U9
VDDIOP0
GPIO
PA23
I/O
–
–
A
TIOB2
I/O
1
PIO, I, PU, ST
B
RF
I/O
1
C
FLEXCOM2_IO7
I
1
R4
VDDANA
GPIO
PA24
I/O
AD0
–
A
FLEXCOM6_IO0
I/O
1
PIO, I, PU, ST
B
FLEXCOM5_IO6
O
1
R2
VDDANA
GPIO
PA25
I/O
AD1
–
A
FLEXCOM6_IO1
I/O
1
PIO, I, PU, ST
B
FLEXCOM5_IO5
O
1
N4
VDDANA
GPIO
PA26
I/O
AD2
–
A
DRXD
I
1
PIO, I, PU, ST
B
CANRX0
I
1
T1
VDDANA
GPIO
PA27
I/O
AD3
–
A
DTXD
O
1
PIO, I, PU, ST
B
CANTX0
O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36