データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1017 データシート(PDF) 23 Page - Microchip Technology

部品番号 TC1017
部品情報  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 データシート(HTML) 23 Page - Microchip Technology

Back Button TC1017 Datasheet HTML 19Page - Microchip Technology TC1017 Datasheet HTML 20Page - Microchip Technology TC1017 Datasheet HTML 21Page - Microchip Technology TC1017 Datasheet HTML 22Page - Microchip Technology TC1017 Datasheet HTML 23Page - Microchip Technology TC1017 Datasheet HTML 24Page - Microchip Technology TC1017 Datasheet HTML 25Page - Microchip Technology TC1017 Datasheet HTML 26Page - Microchip Technology TC1017 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
 2005-2023 Microchip Technology Inc. and its subsidiaries
DS20001813G-page 23
TC1017
APPENDIX A: REVISION HISTORY
Revision G (August 2023)
• Added information about the Automotive
Qualification status of the device in Section ,
Features.
• Added ESD values to Section 1.0, Electrical
Characteristics.
• Updated package drawings in Section 6.0,
Package Information.
• Updated Section , Product Identification System,
with Automotive Qualified devices.
Revision F (April 2013)
The following is the list of modifications:
• Updated the information for the Maximum Output
Current parameter in the Electrical Characteristics
table.
Revision E (January 2013)
• Added a note to each package outline drawing.
Revision D (February 2005)
• Undocumented changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28