| データシートサーチシステム |
|
PTV08040WAD データシート(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PTV08040WAD データシート(HTML) 6 Page - Texas Instruments |
|
6 / 23 page ![]() www.ti.com TYPICAL CHARACTERISTICS (V I = 8 V) (1) (2) I -OutputCurrent- A O V =3.3V O V =2.5V O V =1.8V O V =1.2V O V =0.8V O I -OutputCurrent- A O V =3.3V O V =2.5V O V =1.8V O V =1.2V O V =0.8V O I -OutputCurrent- A O 100LFM 200LFM 400LFM NatConv V =3.3V O I -OutputCurrent- A O 100LFM 200LFM 400LFM NatConv V =1.8V O PTV08040W SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007 EFFICIENCY POWER DISSIPATION vs vs LOAD CURRENT LOAD CURRENT Figure 5. Figure 6. TEMPERATURE DERATING TEMPERATURE DERATING vs vs OUTPUT CURRENT OUTPUT CURRENT Figure 7. Figure 8. (1) The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the converter. Applies to Figure 5 and Figure 6. (2) The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum operating temperatures. Derating limits apply to modules soldered directly to a 4-in. x 4-in., double-sided, 4-layer PCB with 1-oz. copper. See the mechanical specification for more information. Applies to Figure 7 and Figure 8. 6 Submit Documentation Feedback |