データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RCT-418-AS データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 RCT-418-AS
部品情報  Low-Cost SAW-stabilized surface mountOOK RF transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

RCT-418-AS データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  RCT-418-AS Datasheet HTML 1Page - List of Unclassifed Manufacturers RCT-418-AS Datasheet HTML 2Page - List of Unclassifed Manufacturers RCT-418-AS Datasheet HTML 3Page - List of Unclassifed Manufacturers RCT-418-AS Datasheet HTML 4Page - List of Unclassifed Manufacturers RCT-418-AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RCT-418-AS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RCT-XXX-AS
Low-Cost SAW-stabilized surface mount OOK RF transmitter
© 2001,2002,2003 All Rights Reserved
Pin Out Diagram
Pin Description
Pin No.
Pin Name
Description
1
ANT
50 ohm antenna output. The antenna port impedance affects output
power and harmonic emissions. An L-C low-pass filter may be
needed to sufficiently filter harmonic emissions.
2
GND
Transmitter ground. Connect to ground plane.
3
DATA
Digital data input. This input is CMOS compatible and should be
driven with CMOS level inputs.
4
VCC
Pin 4 provides operating voltage for the transmitter. VCC should be
bypassed with a .01uF ceramic capacitor and filtered with a 4.7uF
tantalum capacitor. Noise on the power supply will degrade
transmitter noise performance.
Mechanical Drawing
0.30”
Figure 1: Mechanical Drawing of RCT-XXX-AS
Figure 2: Suggested Pad Layout
Absolute Maximum Ratings
Parameter
Min
Max
Units
Power Supply and All Input
Pins
-0.3
+15
VDC
Storage Temperature
-50
100
°C
Soldering Temperature
(10sec)1
NA
350
°C
NOTES 1) Hand Solder Only. The Transmitter is not suitable for IR reflow or hot air soldering.
- 2 -
8/21/2003



Html Pages

1 2 3 4 5 6