| データシートサーチシステム |
|
310 データシート(PDF) 3 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
310 データシート(HTML) 3 Page - France Joint |
|
3 / 3 page ![]() Part number Rod diameter Ød1 f8 Groove diameter Ød1 f8 Groove diameter ØD1 H9 Bore diameter ØD1 H10 Seal height H1 Groove width L1 0/+0.25 310.1001205 100.00 120.00 15.00 16.00 310.1001259 100.00 125.00 19.00 20.00 310.1051136 105.00 113.00 6.50 7.50 310.1081215 108.00 121.00 15.00 16.00 310.0180287 18.00 28.00 7.30 8.00 310.1101259 110.00 125.00 9.60 10.60 310.1101305 110.00 130.00 15.00 16.00 310.1101359 110.00 135.00 19.00 20.00 310.1201305 120.00 130.00 5.00 5.60 310.1201351 120.00 135.00 11.50 12.50 310.1201355 120.00 135.00 15.00 16.00 310.1201405 120.00 140.00 15.00 16.00 310.1251336 125.00 133.00 6.50 7.50 310.1251455 125.00 145.00 15.00 16.00 310.1251509 125.00 150.00 19.00 20.00 310.0070134 7.00 13.00 4.50 5.00 310.0200265 20.00 26.00 5.00 5.60 310.1301429 130.00 142.00 9.00 10.00 310.1381461 138.00 146.00 11.50 12.50 310.1401505 140.00 150.00 5.00 5.60 310.1401501 140.00 150.00 10.00 11.00 310.1401605 140.00 160.00 15.00 16.00 310.1401659 140.00 165.00 19.00 20.00 310.1451609 145.00 160.00 9.60 10.60 310.1601709 160.00 170.00 9.00 10.00 310.1601859 160.00 185.00 19.00 20.00 310.1601902 160.00 190.00 24.00 25.00 310.5020027 20.00 27.00 5.00 5.60 310.1631752 163.00 175.00 12.00 13.00 310.1802059 180.00 205.00 19.00 20.00 310.1802102 180.00 210.00 24.00 25.00 310.1852009 185.00 200.00 9.60 10.60 310.1902103 190.00 210.00 13.50 14.50 310.1902105 190.00 210.00 15.00 16.00 310.2002259 200.00 225.00 19.00 20.00 310.2002302 200.00 230.00 24.00 25.00 310.2202502 220.00 250.00 24.00 25.00 310.2422573 242.00 257.00 13.00 14.00 310.0200276 20.00 27.00 6.00 7.00 310.2502802 250.00 280.00 24.00 25.00 310.2803102 280.00 310.00 24.00 25.00 310.3203603 320.00 360.00 31.00 32.00 310.3604003 360.00 400.00 31.00 32.00 310.6020028 20.00 28.00 5.70 6.30 310.0200286 20.00 28.00 6.00 7.00 310.0200307 20.00 30.00 7.00 8.00 310.0200308 20.00 30.00 7.30 8.00 310.0210307 21.70 30.00 7.00 8.00 310.5022029 22.00 29.00 5.00 5.60 310.6022031 22.00 30.00 5.70 6.30 310.0080164 8.00 16.00 4.50 5.00 310.0220306 22.00 30.00 6.00 7.00 310.0220328 22.00 32.00 7.00 8.00 310.0200327 22.00 32.00 7.30 8.00 310.0200309 22.00 32.00 8.00 9.00 310.5025032 25.00 32.00 5.00 5.60 310.6025033 25.00 33.00 5.70 6.30 310.0250336 25.00 33.00 6.00 7.00 310.0250338 25.00 33.00 8.00 9.00 310.0250357 25.00 35.00 7.30 8.00 310.0250358 25.00 35.00 8.00 9.00 310.0080165 8.00 16.00 5.70 6.30 310.0270355 27.00 35.00 5.70 6.30 310.0270358 27.00 35.00 8.00 9.00 Part number Rod diameter Ød1 f8 Groove diameter Ød1 f8 Groove diameter ØD1 H9 Bore diameter ØD1 H10 Seal height H1 Groove width L1 0/+0.25 310.0280364 28.00 36.00 4.50 5.00 310.3028036 28.00 36.00 5.70 6.30 310.0280366 28.00 36.00 6.00 7.00 310.0280368 28.00 36.00 8.00 9.00 310.0280387 28.00 38.00 7.00 8.00 310.0280389 28.00 38.00 8.00 9.00 310.0280431 28.00 43.00 11.50 12.50 310.6030038 30.00 38.00 5.70 6.30 310.0090133 9.00 13.00 3.50 4.50 310.0300386 30.00 38.00 6.00 7.00 310.0300387 30.00 38.00 7.00 8.00 310.0300389 30.00 38.00 8.00 9.00 310.0300398 30.00 39.00 8.00 9.00 310.0300431 30.00 43.00 10.00 11.00 310.3174131 31.75 41.27 9.52 10.50 310.0320404 32.00 40.00 4.00 4.50 310.6032040 32.00 40.00 5.70 6.30 310.0320406 32.00 40.00 6.00 7.00 310.0320408 32.00 40.00 8.00 9.00 310.0100176 10.00 17.00 6.00 7.00 310.0320416 32.00 41.00 6.00 7.00 310.0320426 32.00 42.00 6.00 7.00 310.0320427 32.00 42.00 7.00 8.00 310.7032042 32.00 42.00 7.30 8.00 310.0320441 32.00 44.00 11.50 12.50 310.0320471 32.00 47.00 11.50 12.50 310.0340474 34.00 47.00 4.00 4.50 310.0350415 35.00 41.00 5.00 5.60 310.6035043 35.00 43.00 5.70 6.30 310.0350436 35.00 43.00 6.00 7.00 310.0100186 10.00 18.00 5.70 6.30 310.0350437 35.00 43.00 6.50 7.50 310.0350509 35.00 50.00 9.00 10.00 310.0360444 36.00 44.00 4.50 5.00 310.6036044 36.00 44.00 5.70 6.30 310.0360446 36.00 44.00 6.00 7.00 310.0360467 36.00 46.00 7.30 8.00 310.0360488 36.00 48.00 8.00 9.00 310.0360511 36.00 51.00 11.50 12.50 310.0390478 39.00 47.00 8.00 9.00 310.6040048 40.00 48.00 5.70 6.30 310.0100207 10.00 20.00 7.30 8.00 310.0400486 40.00 48.00 6.00 7.00 310.0400488 40.00 48.00 8.00 9.00 310.8040050 40.00 50.00 7.20 8.00 310.0400507 40.00 50.00 7.30 8.00 310.0400501 40.00 50.00 10.00 11.00 310.0400521 40.00 52.00 10.00 11.00 310.0400551 40.00 55.00 11.50 12.50 310.0420505 42.00 50.00 5.70 6.30 310.0420528 42.00 52.00 8.00 9.00 310.6045053 45.00 53.00 5.70 6.30 310.0120205 12.00 20.00 5.70 6.30 310.0450537 45.00 53.00 7.20 8.00 310.8045055 45.00 55.00 7.20 8.00 310.0450557 45.00 55.00 7.30 8.00 310.0450558 45.00 55.00 8.00 9.00 310.0450559 45.00 55.00 9.00 10.00 310.0450551 45.00 55.00 10.00 11.00 310.0450601 45.00 60.00 11.50 12.50 310.0450631 45.00 63.00 10.00 11.00 310.0480566 48.00 56.00 6.00 7.00 310.0480606 48.00 60.00 6.00 7.00 The figures highlighted in bold correspond to the dimensions for standard ISO 5597, with the rod and bore diameters in line with standard ISO 3320. Other intermediate sizes can be provided. FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com HYDRAULIC SEALS | PISTON/ROD SEALS | BECA 310 |