| データシートサーチシステム |
|
PS4530 データシート(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PS4530 データシート(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 16 page ![]() 2 PS8591D 11/17/04 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PS4530/PS4531/PS4532 Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches X = Don’t Care *ADDC not present of PS4531. Note: NO_ and COM_ pins are identical and interchangeable. Either may be considered an input or an output; signals pass equally well in either direction. LE is independent of EN1 and EN2. Truth Table E L2 N E1 N E S T I B S S E R D D AS E H C T I W S N O * C D D AB D D AA D D A0 3 5 4 S P1 3 4 S P2 3 5 4 S P 01 0 X X X s s e r d d a t s a Ls s e r d d a t s a Ls s e r d d a t s a L X0 X X X X n e p o s e h c ti w s ll An e p o s e h c ti w s ll An e p o s e h c ti w s ll A XX 1 X X X n e p o s e h c ti w s ll An e p o s e h c ti w s ll An e p o s e h c ti w s ll A 11 0 0 0 0 0 O N - M O C , A 0 O N - A M O C B 0 O N - B M O C , A C N - A M O C , B C N - B M O C C C N - C M O C 11 0 0 0 1 1 O N - M O C , A 1 O N - A M O C B 1 O N - B M O C , A O N - A M O C , B C N - B M O C C C N - C M O C 11 0 0 1 0 2 O N - M O C , A 2 O N - A M O C B 2 O N - B M O C , A C N - A M O C , B O N - B M O C C C N - C M O C 11 0 0 1 1 3 O N - M O C , A 3 O N - A M O C B 3 O N - B M O C , A O N - A M O C , B O N - B M O C C C N - C M O C 11 0 1 0 0 4 O N - M O C , A 0 O N - A M O C B 0 O N - B M O C , A C N - A M O C , B C N - B M O C C O N - C M O C 11 0 1 0 1 5 O N - M O C , A 1 O N - A M O C B 1 O N - B M O C , A O N - A M O C , B C N - B M O C C O N - C M O C 11 0 1 1 0 6 O N - M O C , A 2 O N - A M O C B 2 O N - B M O C , A C N - A M O C , B O N - B M O C C O N - C M O C 11 0 1 1 1 7 O N - M O C , A 3 O N - A M O C B 3 O N - B M O C , A O N - A M O C , B O N - B M O C C O N - C M O C |