| データシートサーチシステム |
|
SN74LS490 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS490 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() SN54LS490, SN74LS490 DUAL 4-BIT DECADE COUNTERS SDLS125A – OCTOBER 1976 – REVISED JULY 1998 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 BCD COUNT SEQUENCE (each counter) COUNT OUTPUTS COUNT QD QC QB QA 0 L L L L 1 L LL H 2 L LH L 3 L LH H 4 L HL L 5 L HLH 6 L HH L 7 L HH H 8 H LL L 9 H L L H logic symbol† CTRDIV10 CT=0 2 1CLR CT=9 4 1SET9 1 1CLK + 3 0 5 6 7 3 14 2CLR 12 2SET9 15 2CLK 13 11 10 9 CT 1QA 1QB 1QC 1QD 2QA 2QB 2QC 2QD † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, N, and W packages. |