データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ABX00053 データシート(PDF) 13 Page - Arduino

部品番号 ABX00053
部品情報  Arduino® Nano RP2040 Connect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARDUINO [Arduino]
ホームページ  https://www.arduino.cc/
Logo ARDUINO - Arduino

ABX00053 データシート(HTML) 13 Page - Arduino

Back Button ABX00053_V01 Datasheet HTML 9Page - Arduino ABX00053_V01 Datasheet HTML 10Page - Arduino ABX00053_V01 Datasheet HTML 11Page - Arduino ABX00053_V01 Datasheet HTML 12Page - Arduino ABX00053_V01 Datasheet HTML 13Page - Arduino ABX00053_V01 Datasheet HTML 14Page - Arduino ABX00053_V01 Datasheet HTML 15Page - Arduino ABX00053_V01 Datasheet HTML 16Page - Arduino ABX00053_V01 Datasheet HTML 17Page - Arduino Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Arduino® Nano RP2040 Connect
13 / 19
Arduino® Nano RP2040 Connect
Modified: 15/11/2024
4 Board Operation
4.1 Getting Started - IDE
If you want to program your Nano RP2040 Connect while offline you need to install the Arduino Desktop IDE [1] To
connect the Nano RP2040 Connect to your computer, you’ll need a micro USB cable. This also provides power to the
board, as indicated by the LED.
4.2 Getting Started - Arduino Cloud Editor
All Arduino boards, including this one, work out-of-the-box on the Arduino Cloud Editor [2], by just installing a
simple plugin.
The Arduino Cloud Editor is hosted online, therefore it will always be up-to-date with the latest features and support
for all boards. Follow [3] to start coding on the browser and upload your sketches onto your board.
4.3 Getting Started - Arduino Cloud
All Arduino IoT enabled products are supported on Arduino Cloud which allows you to Log, graph and analyze
sensor data, trigger events, and automate your home or business.
4.4 Sample Sketches
Sample sketches for the Nano RP2040 Connect can be found either in the “Examples” menu in the Arduino IDE or in
the “Documentation” section of the Arduino website [4].
4.5 Online Resources
Now that you have gone through the basics of what you can do with the board you can explore the endless
possibilities it provides by checking exciting projects on Arduino Project Hub [5], the Arduino® Library Reference [6]
and the online store [7] where you will be able to complement your board with sensors, actuators and more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19