データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103C8T6 データシート(PDF) 65 Page - STMicroelectronics

部品番号 STM32F103C8T6
部品情報  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8T6 データシート(HTML) 65 Page - STMicroelectronics

Back Button STM32F103C8T6 Datasheet HTML 59Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 60Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 61Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 62Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 63Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 64Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 65Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 66Page - STMicroelectronics STM32F103C8T6 Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
STM32F103xx
Order codes
65/67
7
Order codes
7.1
Future family enhancements
Further developments of the STM32F103xx performance line will see an expansion of the
current options. Larger packages will soon be available with up to 512KB Flash, 64KB
SRAM and with extended features such as EMI support, SDIO, I2S, DAC and additional
timers and USARTS.
Table 47.
Order codes
Part number
Flash program
memory
Kbytes
SRAM
memory
Kbytes
Package
STM32F103C6T6
32
10
LQFP48
STM32F103C8T6
64
20
STM32F103R6T6
32
10
LQFP64
STM32F103R8T6
64
20
STM32F103RBT6
128
20
STM32F103V8T6
64
20
LQFP100
STM32F103VBT6
128
20
STM32F103V8H6
64
20
LFBGA100
STM32F103VBH6
128
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67