データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HER151 データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 HER151
部品情報  1.5 AMPS. High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER151 データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER151_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER151_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 316 -
HER151 THRU HER158
1.5 AMPS. High Efficient Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Case: Molded plastic DO-15
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.40 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
151
HER
152
HER
153
HER
154
HER
155
HER
156
HER
157
HER
158
Units
Maximum Recurrent Peak Reverse
Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time
( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
50
35
pF
Typical Thermal Resistance
( Note 3 )
R
θJA
60
℃/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on PCB.


同様の部品番号 - HER151_1

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
1.5 AMPS. High Efficient Rectifiers
logo
Micro Commercial Compon...
HER151 MCC-HER151_11 Datasheet
238Kb / 3P
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151_11 Datasheet
133Kb / 2P
High Efficient Rectifier
logo
Micro Commercial Compon...
HER151 MCC-HER151_13 Datasheet
250Kb / 3P
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_13 Datasheet
426Kb / 4P
1.5AMPS. High Efficient Rectifiers High efficiency, Low VF
More results

同様の説明 - HER151_1

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
1.5 AMPS. High Efficient Surface Mount Rectifiers
HER151 TSC-HER151 Datasheet
267Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151G TSC-HER151G Datasheet
68Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_1 Datasheet
267Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151 Datasheet
57Kb / 2P
1.5 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Daya Electric Group Co....
HER151 DAYA-HER151 Datasheet
288Kb / 2P
1.5 AMPS. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
1.5 AMPS. High Efficient Rectifiers
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
HS2AA TSC-HS2AA_11 Datasheet
135Kb / 2P
1.5 AMPS High Efficient Surface Mount Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
1.5 AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com