| データシートサーチシステム |
|
476.0200307 データシート(PDF) 2 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
476.0200307 データシート(HTML) 2 Page - France Joint |
|
2 / 2 page ![]() L1 R1 max = 0,4 45° x 0,5 C H1 H2 DIMENSIONS Part number Rod diameter Ød1 h9 Groove diameter ØD1 H8 Groove width L1 0/+0.20 Seal height H2 476.0130194 13.00 19.00 4.00 5.00 476.0140255 14.00 25.00 5.00 8.00 476.0200307 20.00 30.00 7.00 10.00 476.0250357 25.00 35.00 7.00 10.00 476.0280387 28.00 38.00 7.00 10.00 476.0300407 30.00 40.00 7.00 10.00 476.0350457 35.00 45.00 7.00 10.00 476.0400505 40.00 50.00 5.00 7.00 476.0400507 40.00 50.00 7.00 10.00 476.0450557 45.00 55.00 7.00 10.00 476.0500607 50.00 60.00 7.00 10.00 476.0550657 55.00 65.00 7.00 10.00 476.0550698 55.00 69.00 8.00 11.00 476.0560667 56.00 66.00 7.00 10.00 476.0570667 57.00 66.00 7.00 9.20 476.0600707 60.00 70.00 7.00 10.00 476.0600748 60.00 74.00 8.00 11.00 476.0630757 63.00 75.00 7.00 10.00 Part number Rod diameter Ød1 h9 Groove diameter ØD1 H8 Groove width L1 0/+0.20 Seal height H2 476.0630778 63.00 77.00 8.00 11.00 476.0650757 65.00 75.00 7.00 10.00 476.0650798 65.00 79.00 8.00 11.00 476.0670767 67.00 76.00 7.00 9.20 476.0700807 70.00 80.00 7.00 10.00 476.0700848 70.00 84.00 8.00 11.00 476.0750898 75.00 89.00 8.00 11.00 476.0800907 80.00 90.00 7.00 10.00 476.0800948 80.00 94.00 8.00 11.00 476.0850998 85.00 99.00 8.00 11.00 476.0901007 90.00 100.00 7.00 10.00 476.0901048 90.00 104.00 8.00 11.00 476.0951098 95.00 109.00 8.00 11.00 476.1001107 100.00 110.00 7.00 10.00 476.1251409 125.00 140.00 9.00 12.00 476.1601759 160.00 175.00 9.00 12.00 476.1801951 180.00 195.00 10.00 14.00 The figures highlighted in bold correspond to the rod diameters that are recommended by standard ISO 3320. Other intermediate sizes can be provided. FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com HYDRAULIC SEALS | WIPER SEALS | BECA 476 |