データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

480.310 データシート(PDF) 5 Page - France Joint

部品番号 480.310
部品情報  WIPER SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRANCEJOINT [France Joint]
ホームページ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

480.310 データシート(HTML) 5 Page - France Joint

  480.310 Datasheet HTML 1Page - France Joint 480.310 Datasheet HTML 2Page - France Joint 480.310 Datasheet HTML 3Page - France Joint 480.310 Datasheet HTML 4Page - France Joint 480.310 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part number
Rod diameter
Ød1 f8/h9
Groove diameter
ØD1 H9
Bore diameter
ØD2 H11
Groove width
L1 0/+0.20
Step width
L2 min
480.250
250.00
258.80
254.00
6.00
3.00
480.260
260.00
272.20
264.50
8.40
4.00
480.270
270.00
282.20
274.50
8.40
4.00
480.280
280.00
292.20
284.50
8.40
4.00
480.290
290.00
302.20
294.50
8.40
4.00
480.300
300.00
312.20
304.50
8.40
4.00
480.310
310.00
322.20
314.50
8.40
4.00
480.320
320.00
332.20
324.50
8.40
4.00
480.330
330.00
342.20
334.50
8.40
4.00
480.340
340.00
352.20
344.50
8.40
4.00
480.350
350.00
362.20
354.50
8.40
4.00
480.360
360.00
372.20
364.50
8.40
4.00
480.370
370.00
382.20
374.50
8.40
4.00
480.380
380.00
392.20
384.50
8.40
4.00
480.390
390.00
402.20
394.50
8.40
4.00
480.400
400.00
412.20
404.50
8.40
4.00
480.450
450.00
466.00
455.20
11.00
4.00
480.500
500.00
516.00
505.20
11.00
4.00
The figures highlighted in bold correspond to the rod diameters in line with standard ISO 3320. Other intermediate sizes can be provided.
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
HYDRAULIC SEALS | WIPER SEALS |
BECA 480



Html Pages

1 2 3 4 5