| データシートサーチシステム |
|
6AS34 データシート(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
6AS34 データシート(HTML) 4 Page - Honeywell Solid State Electronics Center |
|
4 / 23 page ![]() 4 sensing.honeywell.com BUILDING CONTROLS AND EQUIPMENT Often used in a building’s boiler/heater controls, in HVAC systems to sense exhaust pressure on high efficiency furnances, and in fire suppression systems to sound alarm when sprinkler activation/waterflow is detected. May also be used in machine tools to limit the maxiumum movement for pieces of equipment DOORS AND LIFTS May be used in elevators and lifts to sense if the car is in position before the door opens and on door-latching mechanisms to indicate door closed and/or door locked SEMI-TRUCKS AND TRAILERS Can be used to disengage the cruise control when the clutch pedal is depressed and for diesel engine brake assist. For surface transportation equipment, can be used as a seat switch VALVES Detects whether a valve is “open” or “closed” TIMING DEVICES Often used in commercial/industrial-grade timers to turn outputs “on” and/or “off” at preset times COMMUNICATION SYSTEMS May be used as a door interlock on communication consoles or enclosures FOOT SWITCHES In commerical and industrial foot switch enclosures, may be used as the switching element COMMERCIAL AND INDUSTRIAL KITCHEN EQUIPMENT May be used to indicate door closed and/or door locked for the self-cleaning feature IRRIGATION EQUIPMENT Often used for limiting maximum offset of irrigation towers MEDICAL INSTRUMENTATION In medical and dental equipment, often used in foot switches to control the dental drill and the positioning of the chair Potential Applications |