| データシートサーチシステム |
|
PSFCCSP データシート(PDF) 2 Page - Amkor Technology |
|
|
|||||||||||||||||||||||||||||
PSFCCSP データシート(HTML) 2 Page - Amkor Technology |
|
2 / 4 page ![]() Standard Materials f Standard RoHS and green material sets available f Package substrate ▷ Conductor: Copper ▷ Dielectric: Thin core FR5 or equivalent f Die attach adhesive: Conductive or non-conductive f Encapsulant: Epoxy mold compound f Solder ball: Pb-free Reliability Qualification Amkor assures reliable performance by continuously monitoring key indices. Package Level f Moisture resistance testing: JEDEC level 3 @ 260°C x 3 reflows f Additional test data: 30°C, 85% RH, 96 hours @ 260°C x 4 f uHAST: 130°C, 85% RH, 96 hours f Temp/Humidity: 85°C, 85% RH, 1000 hours f Temp cycle: -55°C/+125°C, 1000 cycles f High temp storage: 150°C, 1000 hours Board Level f Thermal cycle: -40°C/+125°C, 1000 cycles Package Dimensions f PSvfBGA: 10 x 10 mm to 15 x 15 mm f PSfcCSP: 12 x 12 mm to 13 x 13 mm f TMV® PoP: 12 x 12 mm to 14 x 14 mm Shipping f JEDEC trays Features f 10-15 mm body sizes tooled per product table, additional sizes based on demand f Top package I/O interface 0.65 mm pitch accommodating 104 to 160 pin counts f Wafer thinning/handling <100 μm f Mature PoP platform with consistent product performance and reliability f Package configurations compliant with JEDEC standards f Bottom PSvfBGA and top FBGA/Stacked CSP packages are well established in high volume production with multi-region and factory support f Stacked package heights of 1.3 mm to 1.5 mm available in a variety of configurations (See Stack Up Tables on following pages) Process Highlights f Die thickness: 75 μm to 125 μm f Bond pad pitch (min): 45 μm (in-line) f Marking: Laser f Wafer thinning: 200 & 300 mm wafers Test Services f Program generation/conversion f Product engineering f Dual sided contactor system available f Tape and reel services |