データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R5322N データシート(PDF) 21 Page - RICOH electronics devices division

部品番号 R5322N
部品情報  120mA 2ch LDO REGULATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICOH [RICOH electronics devices division]
ホームページ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5322N データシート(HTML) 21 Page - RICOH electronics devices division

Back Button R5322N_07 Datasheet HTML 17Page - RICOH electronics devices division R5322N_07 Datasheet HTML 18Page - RICOH electronics devices division R5322N_07 Datasheet HTML 19Page - RICOH electronics devices division R5322N_07 Datasheet HTML 20Page - RICOH electronics devices division R5322N_07 Datasheet HTML 21Page - RICOH electronics devices division R5322N_07 Datasheet HTML 22Page - RICOH electronics devices division R5322N_07 Datasheet HTML 23Page - RICOH electronics devices division R5322N_07 Datasheet HTML 24Page - RICOH electronics devices division R5322N_07 Datasheet HTML 25Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
R5322N
21
TECHNICAL NOTES
When using these ICs, consider the following points:
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, be sure to use a 2.2µF or more capacitance COUT with good frequency characteristics and ESR
(Equivalent Series Resistance) of which is in the range described as follows:
The relations between IOUT (Output Current) and ESR of Output Capacitor are shown below. The conditions
when the white noise level is under 40µV (Avg.) are marked as the hatched area in the graph.
(Note: When a ceramic capacitor is connected to the Output Pin as Output capacitor for phase compensation,
the operation might be unstable unless as much as 1W resistor is connected between the capacitor and GND
instead of ESR. Test these ICs with as same external components as ones to be used on the PCB.)
<Test conditions>
(1) VIN
=3.8V
(2) Frequency band: 10Hz to 2MHz
(3) Temperature: 25°C
R5322N001x (VR1=2.8V)
R5322N001x (VR1=2.8V)
Output Current IOUT1(mA)
040
60
20
0.01
0.1
100
CIN=Ceramic 1.0
µF
COUT=Ceramic 2.2
µF
10
1
120
100
80
Output Current IOUT1(mA)
040
60
20
0.01
0.1
100
CIN=Ceramic 2.2
µF
COUT=Ceramic 2.2
µF
10
1
120
100
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com