| データシートサーチシステム |
|
SAC45 データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
SAC45 データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
|
3 / 4 page ![]() - 640 - Characteristics and Application SAC is a Transient Voltage Suppressor Diode in series with a compensation diode for low capacitance. Transient Voltage Suppressors may be used at various points in a circuit to provide various degrees of protection. Transient Voltage Suppressor provides excellent clamping capability. Since the low incremental surge resistance. For telecommumication : multi-protocol serial transceivers. Please refer as below: -) Cellular -) Universal series bus (USB) port production. -) Instrumentation. -) LAN / WAN equipment. -) Peripherals. -) High speed data lines. Tow devices are used in parallel and opposite polarity for protecting one bi-directional ines (FIG. 1), or with a steeling diode for protecting one unidirectional (FIG. 2). The low capacitance TVS series are used on high speeded interfaces such as video line, I 2C RS-485, RS-422 and USB, for ESD protection the lines which have signal, or data. Please refer as below: 1). Token Ring 2). I 2C FIG. 1 FIG. 2 3). Video line 4). Set top box I/O 5). LAN / WAN equipment. 6). Security system 7). Automatic teller machine 8). HFC system 9). Networks Device must be used with two units in parallel, opposite in polarity as shown in circuit for AC signal line protection Low Capacitance TVS Low Capacitance TVS |